Part Number Hot Search : 
EER35C L161B LPC3200 MM5Z6V2B KA7915TU E003618 EPA3692G 15C02SS
Product Description
Full Text Search
 

To Download 2SEPC1000MX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer aluminum solid capacitors f d l 15 min. 4 min. 19 min. f d f + C f d l 15 min. 4 min. 19 min. f d f + C lot. no. polarity marking (?) series r. capacitance r. voltage radial lead type series : sepc super low esr (5 m to 24 m ) large capacitance (2700 f max.) rohs compliance, halogen free specifi cations features size code b9 c55 c6 c9 e7 e9 e12 e13 f13 category temperature range C55 c to +105 c rated voltage range (v.dc) 2.5 6.3 2.5 to 16 6.3 to 16 2.5 to 16 16 2.5 to 6.3 2.5 to 16 rated capacitance range (f) 100 to 560 220 100 to 560 100 to 820 150 to 1000 180 to 1000 180 to 270 470 to 820 470 to 2700 capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list endurance +105 c, 5000 h, rated voltage applied capacitance change within 20 % of the initial value tan d < 150 % of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 1000 h, no-applied voltage capacitance change within 20 % of the initial value tan d < 150 % of the initial limit dc leakage current within the initial limit (after voltage processing) marking unit : mm ? 1 2sepc390m, 2sepc560m : 0.50.05 ? 2 16sepc150md, 10sepc270m : 0.450.05 b9, c55, c6, c9, e7, e9 size flat rubber is used. b9, c55, c6, c9, e7, e9 size e12, e13, f13 size size code f d0.5 l max. f 0.5 f d0.05 b9 5.0 9.0 2.0 0.6 c55 6.3 5.5 2.5 0.45 c6 6.3 6.0 2.5 0.45 ? 1 c9 6.3 9.0 2.5 0.6 e7 8.0 7.0 3.5 0.6 ? 2 e9 8.0 9.0 3.5 0.6 e12 8.0 12.0 3.5 0.6 e13 8.0 13.0 3.5 0.6 f13 10.0 13.0 5.0 0.6 dimensions (not to scale) ? externals of ? gure are the reference. nov. 2015 01
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer aluminum solid capacitors series rated voltage (v.dc) rated capacitance (f) case size (mm) size code specifications part number f d l ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) sepc 2.5 100 5.0 9.0 b9 4180 7 0.10 500 2sepc100mz 300 5.0 9.0 4180 7 0.10 500 2sepc330mz 390 6.3 6.0 c6 3900 10 0.12 500 2sepc390m 470 5.0 9.0 b9 4180 7 0.10 500 2sepc470mz 560 5.0 9.0 4180 7 0.10 500 2sepc560mz 6.3 6.0 c6 3900 10 0.12 500 2sepc560m 6.3 9.0 c9 5600 7 0.10 500 2sepc560mw 8.0 9.0 e9 4700 8 0.10 280 2sepc560mx 820 6.3 9.0 c9 5600 7 0.10 500 2sepc820mw 8.0 7.0 e7 5300 8 0.10 500 2sepc820md 8.0 9.0 e9 6100 7 0.10 500 2sepc820mx 8.0 9.0 7200 5 0.10 500 2sepc820my 8.0 13.0 e13 6100 7 0.10 500 2r5sepc820m 1000 8.0 9.0 e9 6100 7 0.10 500 2SEPC1000MX 2700 10.0 13.0 f13 5560 10 0.10 1350 2sepc2700m 4.0 560 6.3 9.0 c9 5600 7 0.10 500 4sepc560mw 8.0 9.0 e9 6100 7 0.10 500 4sepc560mx 8.0 13.0 e13 6100 7 0.10 500 4sepc560m 680 8.0 13.0 6100 7 0.10 544 4sepc680m 820 10.0 13.0 f13 6640 7 0.10 656 4sepc820m 6.3 220 6.3 5.5 c55 2980 18 0.12 280 6sepc220m 470 6.3 9.0 c9 5600 7 0.10 592 6sepc470mw 8.0 9.0 e9 5700 8 0.10 592 6sepc470mx 8.0 13.0 e13 5700 8 0.10 592 6sepc470m 560 6.3 9.0 c9 5600 7 0.10 705 6sepc560mw 8.0 9.0 e9 6100 7 0.10 705 6sepc560mx 680 10.0 13.0 e13 6640 7 0.10 857 6sepc680m 1000 8.0 7.0 e7 3530 18 0.10 1260 6sepc1000md 1500 10.0 13.0 f13 5560 10 0.10 1890 6sepc1500m 10 270 8.0 7.0 e7 3220 22 0.12 500 10sepc270md 16 100 6.3 6.0 c6 2490 24 0.10 320 16sepc100m 6.3 9.0 c9 4680 10 0.10 500 16sepc100mw 150 8.0 7.0 e7 3220 22 0.12 500 16sepc150md 180 8.0 9.0 e9 5000 10 0.10 576 16sepc180mx 8.0 12.0 e12 4360 16 0.10 576 16sepc180m 220 8.0 7.0 e7 4150 13 0.10 500 16sepc220md 270 8.0 9.0 e9 5000 10 0.10 864 16sepc270mx 8.0 12.0 e12 5000 11 0.10 864 16sepc270m 470 10.0 13.0 f13 6100 10 0.10 1504 16sepc470m ? 1 ripple current (100 khz/ +105 c ), ? 2 esr (100 khz to 300 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 2 minutes please refer to each page in this catarog for flow conditions and taping specifications. frequency 120 hz < f < 1 khz 1 khz < f < 10 khz 10 khz < f < 100 khz 100 khz < f < 500 khz coef? cient 0.05 0.3 0.7 1 frequency correction factor for ripple current characteristics list nov. 2015 01


▲Up To Search▲   

 
Price & Availability of 2SEPC1000MX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X